PART |
Description |
Maker |
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
CSC2371N |
10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.100A Ic, 40 - 80 hFE.
|
Continental Device India Limited
|
CJF6388 |
40.000W Medium Power NPN Plastic Leaded Transistor. 100V Vceo, 10.000A Ic, 100 hFE.
|
Continental Device India Limited
|
2N5191 |
40.000W Medium Power NPN Plastic Leaded Transistor. 60V Vceo, 4.000A Ic, 25 - 100 hFE.
|
Continental Device India Limited
|
CDD1933 |
30.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 4.000A Ic, 1000 - 10000 hFE.
|
Continental Device India Limited
|
CFD811 |
65.000W Medium Power NPN Plastic Leaded Transistor. 100V Vceo, 8.000A Ic, 1000 hFE. TRANSISTOR | BJT | DARLINGTON | NPN | 110V V(BR)CEO | 8A I(C) | TO-220FP
|
Continental Device India Limited
|
CSB649AB |
20.000W Medium Power PNP Plastic Leaded Transistor. 160V Vceo, 1.500A Ic, 60 - 120 hFE.
|
Continental Device India Limited
|
ZTX652 ZTX653 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS NPN Medium Power Transistor
|
Zetex Semiconductors
|
CFD1025 |
35.000W Darlington NPN Plastic Leaded Transistor. 150V Vceo, 8.000A Ic, 1500 - 30000 hFE. NPN PLANAR POWER DARLINGTON TRANSISTOR
|
CDIL[Continental Device India Limited]
|
BD535K BD536J BD534K BD538K BD538J BD534 BD537 |
50.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 8.000A Ic, 15 hFE. 50.000W Medium Power PNP Plastic Leaded Transistor. 45V Vceo, 8.000A Ic, 20 hFE. ; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:20mA ; Package/Case:3-TO-218X; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Internally Triggered; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A ; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
Continental Device India Limited
|
2N2222A |
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR 800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AA HIGH SPEED MEDIUM POWER / NPN SWITCHING TRANSISTOR
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|